Part Number Hot Search : 
2SC5291 ENA1301 MAX14627 075757 AK9844 202750 2R0430 2SC5291
Product Description
Full Text Search
 

To Download MAMF-011038 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  integrated spdt switch and lna with bypass mode 5 - 6 ghz rev. v1 mamf - 011038 1 1 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 1 functional schematic pin configuration 3 pin no. function description 1 v dd drain voltage supply 2 n/c no connection 3 v1 control 1 4 rfc rf common 5 n/c no connection 6 t x t x port 7 v2 control 2 8 n/c no connection 9 n/c no connection 10 n/c no connection 11 n/c no connection 12 r x r x port 13 pad 4 ground features ? 802.11a,n,ac applications ? 0.9 db t x insertion loss ? 19 db r x isolation ? 12 db r x gain ? 2.2 db noise figure ? 10 ma current ? - 40 db evm @ 23 dbm input (802.11ac 80 mhz / 256 qam) ? lead free 2 mm 12 - lead stqfn package ? rohs* compliant and 260c reflow compatible ? alternate pin - out of the mamf - 010614 description the mamf - 011038 is a multi - function mmic assembled in a lead - free 2 mm 12 - lead stqfn plastic package that includes a spdt switch and lna with bypass mode for the r x path. this multi - function device delivers high isolation between t x and r x paths, low t x insertion loss and a high gain, low noise r x path. the mamf - 011038 is ideally suited for use on the front end of wlan 802.11a,n,ac modules where small size is critical. 3. macom recommends connecting unused package pins to ground. 4. the exposed pad centered on the package bottom must be connected to rf and dc ground. * restrictions on hazardous substances, european union directive 2011/65/eu. ordering information 1,2 part number package mamf - 011038 - tr3000 3000 piece reel mamf - 011038 - 001smb sample board 1. reference application note m513 for reel size information. 2. all sample boards include 5 loose parts. r x n / c n / c r f c t x v 2 n / c n / c v d d v 1 1 1 2 n / c n / c 1 1 1 0 4 5 6 9 8 7 2 3
integrated spdt switch and lna with bypass mode 5 - 6 ghz rev. v1 mamf - 011038 2 2 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 2 parameter test conditions units min. typ. max. isolation rfc to t x rfc to r x (gain mode) rfc to r x (bypass mode) db 19 19 19 t x insertion loss rfc to t x db 0.9 1.2 t x input / output return loss rfc to t x db 22 t x input p0.1db t x path on dbm 31 t x evm p in = +23 dbm, 802.11ac 80 mhz / 256 qam db - 42 r x gain rfc to r x , gain mode db 10 12 r x insertion loss rfc to r x, bypass mode db 6 7.5 r x input / output return loss rfc to r x, gain mode db 10 r x noise figure gain mode db 2.2 r x input ip3 gain mode dbm 10 r x input p0.1db bypass mode dbm 10 r x input p1db gain mode dbm - 5 - 3 r x evm p in = - 15 dbm, gain mode db - 46 quiescent current no rf, gain mode, v dd = 3 v ma 10 12 control current all states except high gain high gain state a 10 330 electrical specifications: freq. = 5.25 - 5.825 ghz, v dd = 3 v, v c = 0/2.8 v, t a = 25c parameter absolute maximum input power r x gain mode r x bypass mode t x , 5.0 v c , rfc - t x t x , 3.3 v c , rfc - t x 0 dbm 20 dbm 35 dbm cw 33 dbm cw v dd 5 v operating temperature - 40c to +85c storage temperature - 65c to +150c 5. exceeding any one or combination of these limits may cause permanent damage to this device. 6. macom does not recommend sustained operation near these survivability limits. truth table 7,8 7. differential voltage, v (state low) - v (state hi), must be +2.7 v minimum and must not exceed +5.0 v. 8. low = 0 0.3 v, hi = +2.7 v to +5.0 v. control v1 control v2 rfc C r x rfc C t x low low bypass mode off hi low gain mode off low hi off on absolute maximum ratings 5,6
integrated spdt switch and lna with bypass mode 5 - 6 ghz rev. v1 mamf - 011038 3 3 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 3 functional schematic handling procedures please observe the following precautions to avoid damage: static sensitivity gallium arsenide integrated circuits are sensitive to electrostatic discharge (esd) and can be damaged by static electricity. proper esd control techniques should be used when handling these devices. lead - free 2 mm stqfn - 12ld - 0.4 mm pitch ? ? reference application note s2083 for lead - free solder reflow recommendations. meets jedec moisture sensitivity level 1 requirements. plating is ni/pd/au over copper.
integrated spdt switch and lna with bypass mode 5 - 6 ghz rev. v1 mamf - 011038 4 4 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 4 typical performance curves: t x insertion path rfc to r x r x to rfc t x to rfc rfc to t x rfc to r x gain -40 -30 -20 -10 0 10 3.5 4.5 5.5 6.5 7.5 rx_bypass_state rx_gain_state tx_state (db) frequency (ghz) 7 8 9 10 11 12 13 3.5 4.5 5.5 6.5 7.5 (db) frequency (ghz) -50 -40 -30 -20 -10 0 10 20 3.5 4.5 5.5 6.5 7.5 rx_bypass_state rx_gain_state tx_state (db) frequency (ghz) -50 -40 -30 -20 -10 0 3.5 4.5 5.5 6.5 7.5 rx_bypass_state rx_gain_state tx_state (db) frequency (ghz) -40 -30 -20 -10 0 3.5 4.5 5.5 6.5 7.5 rx_bypass_state rx_gain_state tx_state (db) frequency (ghz) -5 -4 -3 -2 -1 0 3.5 4.5 5.5 6.5 7.5 (db) frequency (ghz)
integrated spdt switch and lna with bypass mode 5 - 6 ghz rev. v1 mamf - 011038 5 5 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 5 typical performance curves: r x port return loss t x port return loss rfc port return loss t x isolation from r x rfc isolation from t x r x noise figure, gain mode -35 -30 -25 -20 -15 -10 -5 0 3.5 4.5 5.5 6.5 7.5 rx_bypass_state rx_gain_state tx_state (db) frequency (ghz) -40 -30 -20 -10 0 10 3.5 4.5 5.5 6.5 7.5 rx_bypass_state rx_gain_state tx_state (db) frequency (ghz) -30 -25 -20 -15 -10 -5 0 3.5 4.5 5.5 6.5 7.5 rx_bypass_state rx_gain_state tx_state (db) frequency (ghz) -45 -40 -35 -30 -25 -20 -15 -10 3.5 4.5 5.5 6.5 7.5 rx_bypass_state rx_gain_state tx_state (db) frequency (ghz) -40 -30 -20 -10 0 10 3.5 4.5 5.5 6.5 7.5 rx_bypass_state rx_gain_state tx_state (db) frequency (ghz) 0 1 2 3 4 4.0 4.5 5.0 5.5 6.0 +25c -40c +85c noise figure (db) frequency (ghz)
integrated spdt switch and lna with bypass mode 5 - 6 ghz rev. v1 mamf - 011038 6 6 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 6 r x input ip3, gain mode @ +25c r x input ip3, bypass mode @ - 40c r x input ip3, gain mode @ +85c r x input ip3, gain mode @ - 40c r x input ip3, bypass mode @ +85c r x input ip3, bypass mode @ +25c typical performance curves: 0 4 8 12 16 20 -20 -18 -16 -14 -12 -10 5.00 ghz 5.25 ghz 5.50 ghz 5.75 ghz 6.00 ghz iip3 (dbm) input power per tone (dbm) 25 30 35 40 45 -4 -2 0 2 4 6 8 5.00 ghz 5.25 ghz 5.50 ghz 5.75 ghz 6.00 ghz iip3 (dbm) input power per tone (dbm) 0 4 8 12 16 20 -20 -18 -16 -14 -12 -10 5.00 ghz 5.25 ghz 5.50 ghz 5.75 ghz 6.00 ghz iip3 (dbm) input power per tone (dbm) 25 30 35 40 45 -4 -2 0 2 4 6 8 5.00 ghz 5.25 ghz 5.50 ghz 5.75 ghz 6.00 ghz iip3 (dbm) input power per tone (dbm) 0 4 8 12 16 20 -20 -18 -16 -14 -12 -10 5.00 ghz 5.25 ghz 5.50 ghz 5.75 ghz 6.00 ghz iip3 (dbm) input power per tone (dbm) 25 30 35 40 45 -4 -2 0 2 4 6 8 5.00 ghz 5.25 ghz 5.50 ghz 5.75 ghz 6.00 ghz iip3 (dbm) input power per tone (dbm)
integrated spdt switch and lna with bypass mode 5 - 6 ghz rev. v1 mamf - 011038 7 7 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 7 t x input ip3 @ +25c t x input ip3 @ +85c t x input ip3 @ - 40c t x output ip3 @ +25c typical performance curves: 40 45 50 55 60 10 12 14 16 18 20 5.00 ghz 5.25 ghz 5.50 ghz 5.75 ghz 6.00 ghz iip3 (dbm) input power per tone (dbm) 40 45 50 55 60 10 12 14 16 18 20 5.00 ghz 5.25 ghz 5.50 ghz 5.75 ghz 6.00 ghz iip3 (dbm) input power per tone (dbm) 40 45 50 55 60 10 12 14 16 18 20 5.00 ghz 5.25 ghz 5.50 ghz 5.75 ghz 6.00 ghz iip3 (dbm) input power per tone (dbm) 40 45 50 55 60 10 12 14 16 18 20 5.00 ghz 6.00 ghz oip3 (dbm) input power per tone (dbm)
integrated spdt switch and lna with bypass mode 5 - 6 ghz rev. v1 mamf - 011038 8 8 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 8 system compensated evm, 802.11ac 80 mhz / 256 qam


▲Up To Search▲   

 
Price & Availability of MAMF-011038

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X